PART |
Description |
Maker |
2N5551 2N5401 2N5223 2N5232A 2N5172 2N4403 2N5550 |
Small Signal Transistors TO-92 Case (Continued) RES ARRAY 1.5K OHM 8TRM 4RES SMD Small Signal Transistors TO-92 Case (Continued) 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
MM3006 MM5416 MM4001 MM421 BSY52 BSY53 BSY54 BSY56 |
Small Signal Transistors 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
BF337 BFR36 2N5785 2N6192 BC460 BFX34 BFS89 BFS95 |
Small Signal Transistors 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. N.A. CENTRAL[Central Semiconductor Corp]
|
2N2904 JANTX2N2905A JAN2N2904 JAN2N2905 2N2904A 2N |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 PNP Transistor PNP SWITCHING SILICON TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 3 Pin 1.5A Fixed 12V Positive Voltage Regulator 3-TO-220 0 to 125 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
MICROSEMI CORP-LAWRENCE http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
MMBZ5230BL MMBZ5230BLT1 MMBZ5254BL MMBZ5263BL MMBZ |
Small Signal 4.7V 5% Small Signal 27V 5% 56V Zener Small Signal 33V 5% Small Signal 12V 5% Small Signal 13V 5% Small Signal 15V 5% Small Signal 20V 5%
|
ON Semiconductor
|
BZX84C18ET1 BZX84C18ET3 BZX84C4V7ET1 BZX84C7V5ET3 |
Small Signal 5% 27V Small Signal 5% 10V Small Signal 5% 5.6V Small Signal 5% 6.2V Small Signal 5% 6.8V Small Signal 4.7V Small Signal 5% 5.1V Zener Voltage Regulators From old datasheet system
|
ONSEMI[ON Semiconductor]
|
2N2918 |
Leaded Small Signal Transistor Dual
|
Central Semiconductor
|
MPS3415 MPS3416 MPS3417 MPS3414 2N3417 2N3414 2N34 |
Leaded Small Signal Transistor General Purpose (MPS3414 - MPS3417) NPN SIlicon Transistor
|
CENTRAL[Central Semiconductor Corp]
|
2N3923 2N3742 2N3724A 2N3722 2N3720 2N3830 2N3831 |
Leaded Small Signal Transistor General Purpose
|
Central Semiconductor
|
2N3486A 2N3508 |
Leaded Small Signal Transistor General Purpose
|
Central Semiconductor
|
2N2604 |
Leaded Small Signal Transistor General Purpose
|
Central Semiconductor
|
2N3799A 2N3672 2N3962 2N3964 2N4034 2N3963 2N3798A |
Leaded Small Signal Transistor General Purpose
|
Central Semiconductor
|